Part Number Hot Search : 
TFS70E CD22357A 21M10 4841NH 3216C EM274211 PE9707 AT76C113
Product Description
Full Text Search
 

To Download RS407M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RS401M THRU RS407M
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
FEATURES
* Ideal for printed circuit board * Surge overload rating: 200 amperes peak * Mounting position: Any
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
RS-4M
.382 (9.7)
.366 (9.3)
.995 (25.3) .983 (24.7)
.602 (15.3) .578 (14.7) .157 (4)
.189 (4.8) .173 (4.4) .150 (3.8) .134 (3.4)
f.134 (3.4) .122 (3.1)
(3.7) (3.3) (18.0) (17.0)
.074 (1.9) .059 (1.5)
.057 (1.45) .041 (1.05) .083 (2.1) .069 (1.7) .043 (1.1) .035 (0.9)
.114 (2.9) .098 (2.5) .031 (0.8) .023 (0.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.303 (7.7) .287 (7.3)
.303 (7.7) .287 (7.3)
.303 (7.7) .287 (7.3)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at TC = 100 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating Temperature Range Storage Temperature Range Typical Junction Capacitance (Note) SYMBOL VRRM VRMS VDC IO IFSM TJ TSTG CJ RS401M RS402M RS403M RS404M RS405M RS406M RS407M UNITS 50 35 50 100 70 100 200 140 200 400 280 400 4.0 150 -55 to + 150 -55 to + 150 40 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps
0 0
.146 .130 .708 .669
C C
pF
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per Bridgeat Element at 4.0A DC Maximum Reverse Current at Rated Dc Blocking Voltage per element @TA = 25 C @TC = 100 oC
o
SYMBOL VF IR
RS401M RS402M RS403M RS404M RS405M RS406M RS407M UNITS 1.0 10 0.2 Volts uAmps mAmps 2001-5
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
RATING AND CHARACTERISTIC CURVES ( RS401M THRU RS407M )
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD OUTPUT CURRENT, (A)
PEAK FORWARD SURGE CURRENT, (A)
300 250
8.3ms Single Half Sine-Wave (JEDEC Method)
5
4
200 150 100 50 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
3
2
Single Phase Half Wave 60Hz Indutive or Resistive Load
1 0 0
50 100 CASE TEMPERATURE, (
150 )
FIG. 3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
100
INSTANTANEOUS REVERSE
10
TJ = 25
TJ = 100
10
1.0
Pulse Width = 300us 1% Duty Cycle
1
.1
TJ = 25
.1 .6
.01 .8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
RECTRON


▲Up To Search▲   

 
Price & Availability of RS407M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X